Part Number Hot Search : 
SA22A 3A224M FCH20 8W8PA00 SF400 P802T IDT74A DTA143ZE
Product Description
Full Text Search
 

To Download STD616A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STD616A high voltage npn power transistor n reverse pins out vs standard ipak (to-251) / dpak (to-252) packages n high voltage capability n high dc current gain n through-hole ipak (to-251) power package in tube (suffix "-1") n surface-mounting dpak (to-252) power package in tape & reel (suffix "t4") n minimum lot-to-lot spread for reliable operation applications: n switch mode power supplies description the STD616A is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage withstand capability. ? internal schematic diagram september 2001 absolute maximum ratings symbol parameter value unit v ces collector-emitter voltage (v be = 0) 1000 v v ceo collector-emitter voltage (i b = 0) 450 v v ebo emitter-base voltage (i c = 0) 12 v i c collector current 1.6 a i cm collector peak current (t p < 5 ms) 2.4 a i b base current 0.8 a i bm base peak current (t p < 5 ms) 1.2 a p tot total dissipation at t c = 25 o c20w t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c 3 2 1 ipak to-251 (suffix "-1") 1 3 dpak to-252 (suffix "t4") 1/6
thermal data r thj-case thermal resistance junction-case max 6.25 o c/w electrical characteristics (t case = 25 o c unless otherwise specified) symbol parameter test conditions min. typ. max. unit i ces collector cut-off current (v be = 0 v) v ce = 1000 v v ce = 1000 v t j = 125 o c 50 0.5 m a ma v ceo(sus) * collector-emitter sustaining voltage (i b = 0) i c = 100 ma l = 25 mh 450 v v ebo emitter-base voltage (i c = 0) i e = 1 ma 12 v v ce(sat) * collector-emitter saturation voltage i c = 250 ma i b = 65 ma i c = 0.8 a i b = 250 ma 0.3 0.5 v v v be(sat) * base-emitter saturation voltage i c = 250 ma i b = 65 ma i c = 0.8 a i b = 250 ma 1 1.2 v v h fe * dc current gain i c = 200 m a v ce = 5 v i c = 300 ma v ce = 5 v i c = 480 ma v ce = 5 v i c = 1.6 a v ce = 5 v 17 25 12 4 t on t s t f resistive load turn on time storage time fall time v cc = 250 v i c = 250 ma i b1 = 65 ma i b2 = -130 ma 0.2 5 0.65 m s m s m s t on t s t f resistive load turn on time storage time fall time v cc = 250 v i c = 0.8 a i b1 = 160 ma i b2 = -0.4 a 1 2.5 0.35 m s m s m s t s t f inductive load storage time fall time v cl = 300 v i c = 250 ma i b1 = 65 ma i b2 = -130 ma l = 200 m h 5 0.5 m s m s t s t f inductive load storage time fall time v cl = 300 v i c = 0.8 a i b1 = 160 ma i b2 = -0.4 a l = 200 m h 2.5 0.25 m s m s * pulsed: pulse duration = 300 m s, duty cycle 1.5 % STD616A 2/6
safe operating area reverse biased soa derating curve STD616A 3/6
dim. mm inch min. typ. max. min. typ. max. a 2.20 2.40 0.087 0.094 a1 0.90 1.10 0.035 0.043 a3 0.70 1.30 0.028 0.051 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.213 b3 0.85 0.033 b5 0.30 0.012 b6 0.95 0.037 c 0.45 0.60 0.018 0.024 c2 0.48 0.60 0.019 0.024 d 6.00 6.20 0.237 0.244 e 6.40 6.60 0.252 0.260 g 4.40 4.60 0.173 0.181 h 15.90 16.30 0.626 0.642 l 9.00 9.40 0.354 0.370 l1 0.80 1.20 0.031 0.047 l2 0.80 1.00 0.031 0.039 v1 10 o 10 o p032nr/e to-251 (ipak) mechanical data STD616A 4/6
dim. mm inch min. typ. max. min. typ. max. a 2.20 2.40 0.087 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.213 c 0.45 0.60 0.018 0.024 c2 0.48 0.60 0.019 0.024 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.252 0.260 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.398 l2 0.8 0.031 l4 0.60 1.00 0.024 0.039 v2 0 o 8 o 0 o 0 o p032p_b to-252 (dpak) mechanical data STD616A 5/6
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectroni cs. specifi cation mentio ned in this publication are subject to change without notice. this publication supersedes and replaces all in formation previou sly supplied. stmicroe lectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectron ics. the st logo is a trademark of stmicroelectronics ? 2001 stmicroelectronics C pr inted in italy C all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malay sia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com STD616A 6/6


▲Up To Search▲   

 
Price & Availability of STD616A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X